| データシートサーチシステム |
|
LSM6DSO32X データシート(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO32X データシート(HTML) 91 Page - STMicroelectronics |
|
91 / 162 page ![]() 11.7 FSM_INT1_A (0Bh) INT1 pin control register (r/w) Each bit in this register enables a signal to be carried over INT1. The pin's output will supply the OR combination of the selected signals. Table 171. FSM_INT1_A register INT1_FSM8 INT1_FSM7 INT1_FSM6 INT1_FSM5 INT1_FSM4 INT1_FSM3 INT1_FSM2 INT1_FSM1 Table 172. FSM_INT1_A register description INT1_FSM8(1) Routing of FSM8 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM7(1) Routing of FSM7 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM6(1) Routing of FSM6 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM5(1) Routing of FSM5 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM4(1) Routing of FSM4 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM3(1) Routing of FSM3 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM2(1) Routing of FSM2 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM1(1) Routing of FSM1 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) 1. This bit is effective if the INT1_EMB_FUNC bit of MD1_CFG (5Eh) is set to 1. LSM6DSO32X FSM_INT1_A (0Bh) DS13607 - Rev 1 page 91/162 |