| データシートサーチシステム |
|
LSM6DSO32X データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO32X データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 162 page ![]() 5.4 Master I²C interface If the LSM6DSO32X is configured in Mode 2, a master I²C line is available. The master serial interface is mapped to the following dedicated pins. Table 16. Master I²C pin details Pin name Pin description MSCL I²C serial clock master MSDA I²C serial data master MDRDY I²C master external synchronization signal LSM6DSO32X Master I²C interface DS13607 - Rev 1 page 28/162 |