| データシートサーチシステム |
|
EM78P152S データシート(PDF) 18 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM78P152S データシート(HTML) 18 Page - List of Unclassifed Manufacturers |
|
18 / 52 page ![]() EM78P152/3S 8-Bit Microcontroller with OTP ROM PCWR PCRD PDWR PDRD IOD 0 1 M U X Port Q Q _ D D Q Q _ CLK P R C L CLK P R C L Note: Pull-down is not shown in the figure. Figure 5-5 I/O Port and I/O Control Register Circuit for Port 5 PC RD IO D PC W R PD W R PD RD B it 6 of IO C E Po rt T1 0 M U X 0 1 CL K CL K CL K CL K P P P P R R R R C L L L L C C C Q Q Q Q Q Q Q Q D D D D _ _ _ _ Note: Pull-high (down) and open-drain are not shown in the figure. Figure 5-6 I/O Port and I/O Control Register Circuit for P60 (/INT) 14 • Product Specification (V1.8) 09.08.2009 (This specification is subject to change without further notice) |