| データシートサーチシステム |
|
EM78P152S データシート(PDF) 27 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM78P152S データシート(HTML) 27 Page - List of Unclassifed Manufacturers |
|
27 / 52 page ![]() EM78P152/3S 8-Bit Microcontroller with OTP ROM In most applications, pin OSCI and pin OSCO can be connected with a crystal or ceramic resonator to generate oscillation. Figure 5-12 depicts such circuit. The same thing applies whether it is in the HXT mode or in the LXT mode. In Figure 5-12-1, when the connected resonator in OSCI and OSCO is used in applications, the 1 M Ω R1 needs to be shunt with resonator. OSCI OSCO EM 78P153S C1 C2 Crystal RS Figure 5-12 Circuit for Crystal/Resonator OSCI OSCO EM78P153A C1 C2 Resonator R1 Figure 5-12-1 Circuit for Crystal/Resonator The following table provides the recommended values of C1 and C2. Since each resonator has its own attribute, refer to its specification for appropriate values of C1 and C2. RS, a serial resistor, may be necessary for AT strip cut crystal or low frequency mode. Product Specification (V1.8) 09.08.2009 • 23 (This specification is subject to change without further notice) |