データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA9381PS/N2 データシート(PDF) 76 Page - NXP Semiconductors

部品番号 TDA9381PS/N2
部品情報  TV signal processor-Teletext decoder with embedded m-Controller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9381PS/N2 データシート(HTML) 76 Page - NXP Semiconductors

Back Button TDA9381PS/N2 Datasheet HTML 72Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 73Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 74Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 75Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 76Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 77Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 78Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 79Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 118 page
background image
2001 Jan 18
76
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA935X/6X/8X PS/N2 series
CHARACTERISTICS OF MICRO-COMPUTER AND TEXT DECODER
VDD = 3.3 V ± 10%; VSS = 0 V; Tamb = −20 to +70 °C; unless otherwise specified
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VM.1.1
supply voltage (VDDA/P/C)
3.0
3.3
3.6
V
VM.1.2
periphery supply current (IDDP)
note 1
1
−−
mA
VM.1.3
core supply current (IDDC)
−
15
tbf
mA
VM.1.4
analog supply current (IDDA)
−
45
tbf
mA
Digital inputs
RESET
I.1.1
low level input voltage
−−
0.8
V
I.1.2
high level input voltage
2.0
−
5.5
V
I.1.3
hysteresis of Schmitt Trigger
input
0.4
−
0.7
V
I.1.4
input leakage current
VI = 0
−−
1
µA
I.1.5
equivalent pull down resistance
V = VDD
−
33
−
k
Ω
I.1.6
capacitance of input pin
−−
10
pF
Digital input/outputs
P1.0 TO P1.3, P2.0 TO P2.6 AND P3.0 TO P3.3
IO.1.1
low level input voltage
−−
0.8
V
IO.1.2
high level input voltage
2.0
−
5.5
V
IO.1.3
hysteresis of Schmitt Trigger
input
0.4
−
0.7
V
IO.1.4
low level output voltage
IOL = 4 mA
−−
0.4
V
IO.1.5
high level output voltage
open drain
−−
5.5
V
IO.1.6
high level output voltage
IOH = 4 mA
2.4
−−
V
IO.1.7
output rise time (push-pull only)
10% to 90%
load 100 pF
−
16
−
ns
IO.1.8
output fall time 10% to 90%
load 100pF
−
14
−
ns
IO.1.9
load capacitance
−−
100
pF
IO.1.10
capacitance of input pin
−−
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com