データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA9381PS/N2 データシート(PDF) 87 Page - NXP Semiconductors

部品番号 TDA9381PS/N2
部品情報  TV signal processor-Teletext decoder with embedded m-Controller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9381PS/N2 データシート(HTML) 87 Page - NXP Semiconductors

Back Button TDA9381PS/N2 Datasheet HTML 83Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 84Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 85Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 86Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 87Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 88Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 89Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 90Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 118 page
background image
2001 Jan 18
87
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA935X/6X/8X PS/N2 series
Horizontal and vertical synchronization and drive circuits
SYNC VIDEO INPUT
H.1.1
sync pulse amplitude
note 3
50
300
350
mV
H.1.2
slicing level for horizontal sync
note 38
−
50
−
%
H.1.3
slicing level for vertical sync
note 38
−
35
−
%
HORIZONTAL OSCILLATOR
H.2.1
free running frequency
−
15625
−
Hz
H.2.2
spread on free running
frequency
−−±2%
H.2.3
frequency variation with respect
to the supply voltage
VP = 8.0 V ±10%; note 6
−
0.2
0.5
%
H.2.4
frequency variation with
temperature
Tamb =0to70 °C; note 6
−−
80
Hz
FIRST CONTROL LOOP; NOTE 39
H.3.1
holding range PLL
−±0.9
±1.2
kHz
H.3.2
catching range PLL
note 6
±0.6
±0.9
−
kHz
H.3.3
signal-to-noise ratio of the video
input signal at which the time
constant is switched
−
24
−
dB
H.3.4
hysteresis at the switching point
−
3
−
dB
SECOND CONTROL LOOP
H.4.1
control sensitivity
−
150
−µs/µs
H.4.2
control range from start of
horizontal output to flyback at
nominal shift position
−
19
−µs
H.4.3
horizontal shift range
63 steps
±2
−−
µs
H.4.4
control sensitivity for dynamic
compensation
−
7.6
−µs/V
H.4.5
Voltage to switch-on the ‘flash’
protection
note 40
6.0
−−
V
H.4.6
Input current during protection
−−
1mA
H.4.7
control range of the
parallelogram correction
note 41
−±0.5
−µs
H.4.8
control range of the bow
correction
note 41
−±0.5
−µs
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com