| データシートサーチシステム |
|
LM317S/NOPB データシート(PDF) 47 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM317S/NOPB データシート(HTML) 47 Page - Texas Instruments |
|
47 / 51 page ![]() www.ti.com PACKAGE OUTLINE C 10.42 9.40 6.73 6.35 6.22 5.97 1.27 0.88 5.46 4.96 2.285 4.57 1.02 0.64 3X 0.88 0.64 2.55 MAX 0.88 0.46 8 8 1.14 0.89 0.60 0.46 0.17 0.51 MIN 4.32 MIN (2.345) (2.5) TO-252 - 2.55 mm max height NDP0003B TRANSISTOR OUTLINE 4219870/A 03/2018 NOTES: 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. Reference JEDEC registration TO-252. 0.25 C A B TOP & BOTTOM PKG 1 2 3 OPTIONAL SEATING PLANE 4 3 2 1 SCALE 1.500 A B |