データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317S/NOPB データシート(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM317S/NOPB
部品情報  LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM317S/NOPB データシート(HTML) 21 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 17Page - Texas Instruments LM317S/NOPB Datasheet HTML 18Page - Texas Instruments LM317S/NOPB Datasheet HTML 19Page - Texas Instruments LM317S/NOPB Datasheet HTML 20Page - Texas Instruments LM317S/NOPB Datasheet HTML 21Page - Texas Instruments LM317S/NOPB Datasheet HTML 22Page - Texas Instruments LM317S/NOPB Datasheet HTML 23Page - Texas Instruments LM317S/NOPB Datasheet HTML 24Page - Texas Instruments LM317S/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
LM117
LM117
21
LM117, LM317-N
www.ti.com
SNVS774Q – MAY 2004 – REVISED JUNE 2020
Product Folder Links: LM117 LM317-N
Submit Documentation Feedback
Copyright © 2004–2020, Texas Instruments Incorporated
Typical Applications (continued)
9.2.7 Emitter-Follower Current Amplifier
The LM117 is used as a constant current source in the emitter follower circuit (see Figure 25). The LM195 power
transistor is being used as a current gain amplifier, boosting the INPUT current. The LM117 provides a stable
current bias than just using a resistor.
Figure 25. Emitter-Follower Current Amplifier
9.2.8 1-A Current Regulator
A simple, fixed current regulator can be made by placing a resistor between the VOUT and ADJ pins of the LM117
(see Figure 26). By regulating a constant 1.25 V between these two terminals, a constant current is delivered to
the load.
Figure 26. 1-A Current Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51