| データシートサーチシステム |
|
TLE8082ES データシート(PDF) 31 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8082ES データシート(HTML) 31 Page - Infineon Technologies AG |
|
31 / 61 page ![]() 6.4 Watchdog state machine After a reset condition the watchdog state machine is set to the state "WD inactive". The watchdog states are described in Table 21. The transitions of the state machine are described in Table 22. Definitions: • WDC: Watchdog check command bits; WDC=10B check ok • Timer expired: watchdog period time is expired The following figure shows the watchdog state machine. Wait for WD command Decrement WD error counter Reset Inside open window & WDC=10 Outside open window OR WDC≠10 Increment WD error counter WD command received OR Timer expired Start watchdog period Timing and command check WD inactive Decrement WD error counter after reset Increment WD error counter after reset WDC=10 WDC≠10 Figure 8 Watchdog state machine TLE8082ES Small engine management IC Watchdog Datasheet 31 Rev. 1.0 2021-03-23 |