| データシートサーチシステム |
|
TLE8082ES データシート(PDF) 33 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8082ES データシート(HTML) 33 Page - Infineon Technologies AG |
|
33 / 61 page ![]() Table 22 Watchdog state machine transitions (continued) State Event or condition for transition to target state Target state Notes Wait for WD command WD command received OR watchdog period timer expired Timing and command check Timing and command check WDC=10B AND WD command inside open window Decrement WD error counter Timing and command check WDC≠10B OR WD command outside open window Increment WD error counter Decrement WD error counter not event triggered Start watchdog period no condition or event needed for transition, only decrement must be performed for automatic transition Increment WD error counter not event triggered Start watchdog period no condition or event needed for transition, only increment must be performed for automatic transition 6.5 Watchdog error counter The device implements a 3 bits error counter EC located in the register WD. This corresponds to a counting range from 0D (000B) to 7D (111B). The actual counter value can be read via SPI. The status of the error counter EC defines the state of the device. • Ready state: EC < 5D • Safe state: EC > 4D A watchdog reset is generated by an overflow of the error counter EC. For more information about the Reset state of the watchdog, see Chapter 4.1.5. TLE8082ES Small engine management IC Watchdog Datasheet 33 Rev. 1.0 2021-03-23 |