データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCS08 データシート(PDF) 205 Page - NXP Semiconductors

部品番号 HCS08
部品情報  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 データシート(HTML) 205 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 201Page - NXP Semiconductors HCS08 Datasheet HTML 202Page - NXP Semiconductors HCS08 Datasheet HTML 203Page - NXP Semiconductors HCS08 Datasheet HTML 204Page - NXP Semiconductors HCS08 Datasheet HTML 205Page - NXP Semiconductors HCS08 Datasheet HTML 206Page - NXP Semiconductors HCS08 Datasheet HTML 207Page - NXP Semiconductors HCS08 Datasheet HTML 208Page - NXP Semiconductors HCS08 Datasheet HTML 209Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 374 page
background image
Multi-Purpose Clock Generator (S08MCGV1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
205
external crystal and a maximum reference divider factor of 128, the resulting frequency of the reference
clock for the FLL is 62.5 kHz (greater than the 39.0625 kHz maximum allowed).
Care must be taken in the software to minimize the amount of time spent in this state where the FLL is
operating in this condition.
The following code sequence describes how to move from FEI mode to PEE mode until the 8 MHz crystal
reference frequency is set to achieve a bus frequency of 8 MHz. Because the MCG is in FEI mode out of
reset, this example also shows how to initialize the MCG for PEE mode out of reset. First, the code
sequence will be described. Then a flowchart will be included which illustrates the sequence.
1. First, FEI must transition to FBE mode:
a) MCGC2 = 0x36 (%00110110)
– BDIV (bits 7 and 6) set to %00, or divide-by-1
– RANGE (bit 5) set to 1 because the frequency of 8 MHz is within the high frequency range
– HGO (bit 4) set to 1 to configure external oscillator for high gain operation
– EREFS (bit 2) set to 1, because a crystal is being used
– ERCLKEN (bit 1) set to 1 to ensure the external reference clock is active
b) Loop until OSCINIT (bit 1) in MCGSC is 1, indicating the crystal selected by the EREFS bit
has been initialized.
c) Block Interrupts (If applicable by setting the interrupt bit in the CCR).
d) MCGC1 = 0xB8 (%10111000)
– CLKS (bits 7 and 6) set to %10 in order to select external reference clock as system clock
source
– RDIV (bits 5-3) set to %111, or divide-by-128.
NOTE
8 MHz / 128 = 62.5 kHz which is greater than the 31.25 kHz to 39.0625 kHz
range required by the FLL. Therefore after the transition to FBE is
complete, software must progress through to BLPE mode immediately by
setting the LP bit in MCGC2.
– IREFS (bit 2) cleared to 0, selecting the external reference clock
e) Loop until IREFST (bit 4) in MCGSC is 0, indicating the external reference is the current
source for the reference clock
f) Loop until CLKST (bits 3 and 2) in MCGSC are %10, indicating that the external reference
clock is selected to feed MCGOUT
2. Then, FBE mode transitions into BLPE mode:
a) MCGC2 = 0x3E (%00111110)
– LP (bit 3) in MCGC2 to 1 (BLPE mode entered)
NOTE
There must be no extra steps (including interrupts) between steps 1d and 2a.
b) Enable Interrupts (if applicable by clearing the interrupt bit in the CCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com