データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCS08 データシート(PDF) 201 Page - NXP Semiconductors

部品番号 HCS08
部品情報  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 データシート(HTML) 201 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 197Page - NXP Semiconductors HCS08 Datasheet HTML 198Page - NXP Semiconductors HCS08 Datasheet HTML 199Page - NXP Semiconductors HCS08 Datasheet HTML 200Page - NXP Semiconductors HCS08 Datasheet HTML 201Page - NXP Semiconductors HCS08 Datasheet HTML 202Page - NXP Semiconductors HCS08 Datasheet HTML 203Page - NXP Semiconductors HCS08 Datasheet HTML 204Page - NXP Semiconductors HCS08 Datasheet HTML 205Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 374 page
background image
Multi-Purpose Clock Generator (S08MCGV1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
201
12.5.2.2
Example # 2: Moving from PEE to BLPI Mode: External Crystal = 4 MHz,
Bus Frequency =16 kHz
In this example, the MCG will move through the proper operational modes from PEE mode with a 4 MHz
crystal configured for an 8 MHz bus frequency (see previous example) to BLPI mode with a 16 kHz bus
frequency.First, the code sequence will be described. Then a flowchart will be included which illustrates
the sequence.
1. First, PEE must transition to PBE mode:
a) MCGC1 = 0x90 (%10010000)
– CLKS (bits 7 and 6) set to %10 in order to switch the system clock source to the external
reference clock
b) Loop until CLKST (bits 3 and 2) in MCGSC are %10, indicating that the external reference
clock is selected to feed MCGOUT
2. Then, PBE must transition either directly to FBE mode or first through BLPE mode and then to
FBE mode:
a) BLPE: If a transition through BLPE mode is desired, first set LP (bit 3) in MCGC2 to 1
b) BLPE/FBE: MCGC1 = 0xB8 (%10111000)
– RDIV (bits 5-3) set to %111, or divide-by-128 because 4 MHz / 128 = 31.25 kHz which is
in the 31.25 kHz to 39.0625 kHz range required by the FLL. In BLPE mode, the
configuration of the RDIV does not matter because both the FLL and PLL are disabled.
Changing them only sets up the dividers for FLL usage in FBE mode
c) BLPE/FBE: MCGC3 = 0x04 (%00000100)
– PLLS (bit 6) clear to 0 to select the FLL. In BLPE mode, changing this bit only prepares the
MCG for FLL usage in FBE mode. With PLLS = 0, the VDIV value does not matter.
d) BLPE: If transitioning through BLPE mode, clear LP (bit 3) in MCGC2 to 0 here to switch to
FBE mode
e) FBE: Loop until PLLST (bit 5) in MCGSC is clear, indicating that the current source for the
PLLS clock is the FLL
f) FBE: Optionally, loop until LOCK (bit 6) in the MCGSC is set, indicating that the FLL has
acquired lock. Although the FLL is bypassed in FBE mode, it is still enabled and running.
3. Next, FBE mode transitions into FBI mode:
a) MCGC1 = 0x44 (%01000100)
– CLKS (bits7 and 6) in MCGSC1 set to %01 in order to switch the system clock to the
internal reference clock
– IREFS (bit 2) set to 1 to select the internal reference clock as the reference clock source
– RDIV (bits 5-3) set to %000, or divide-by-1 because the trimmed internal reference should
be within the 31.25 kHz to 39.0625 kHz range required by the FLL
b) Loop until IREFST (bit 4) in MCGSC is 1, indicating the internal reference clock has been
selected as the reference clock source
c) Loop until CLKST (bits 3 and 2) in MCGSC are %01, indicating that the internal reference
clock is selected to feed MCGOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com