| データシートサーチシステム |
|
MCP6477-E/MS データシート(PDF) 44 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6477-E/MS データシート(HTML) 44 Page - Microchip Technology |
|
44 / 46 page ![]() MCP6476/6R/6U/7/9 DS20006419B-page 44 2020-2021 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM (AUTOMOTIVE) To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. -X /XX Package Temperature Range Device Examples: a) MCP6476T-E/LTVAO: Tape and Reel, Automotive, Extended Temperature, 5-Lead SC70 Package. b) MCP6476T-E/OTVAO: Tape and Reel, Automotive, Extended Temperature, 5-Lead SOT-23 Package. c) MCP6476RT-E/OTVAO: Tape and Reel, Automotive, Extended Temperature, 5-Lead SOT-23 Package. d) MCP6476UT-E/LTVAO: Tape and Reel, Automotive, Extended Temperature, 5-Lead SOC70 Package. e) MCP6476UT-E/OTVAO: Tape and Reel, Automotive, Extended Temperature, 5-Lead SOT-23 Package. a) MCP6477-E/SNVAO: Extended Temperature, Automotive, 8-Lead SOIC Package. b) MCP6477-E/MSVAO: Extended Temperature, Automotive, 8-Lead MSOP Package. c) MCP6477T-E/SNVAO: Tape and Reel, Automotive, Extended Temperature, 8-Lead SOIC Package. d) MCP6477T-E/MSVAO: Tape and Reel, Automotive, Extended Temperature, 8-Lead MSOP Package. a) MCP6479-E/STVAO: Extended Temperature, Automotive, 14-Lead TSSOP Package. b) MCP6479-E/SLVAO: Extended Temperature, Automotive, 14-Lead SOIC Package. c) MCP6479T-E/STVAO: Tape and Reel, Automotive, Extended Temperature, 14-Lead TSSOP Package. d) MCP6479T-E/SLVAO: Tape and Reel, Automotive, Extended Temperature, 14-Lead SOIC Package. [X](1) Tape and Reel Option Device: MCP6476T Single Op Amp (Tape and Reel) (SC70, SOT-23) MCP6476RT Single Op Amp (Tape and Reel) (SOT-23) MCP6476UT Single Op Amp (Tape and Reel) (SC70, SOT-23) MCP6477 Dual Op Amp MCP6477T Dual Op Amp (Tape and Reel for SOIC, MSOP) MCP6479 Quad Op Amp MCP6479T Quad Op Amp (Tape and Reel for SOIC, TSSOP) Temperature Range: E = -40°C to +125°C Package: LT = Plastic Package (SC70), 5-Lead OT = Plastic Small Outline Transistor (SOT-23), 5-Lead SN = Plastic Small Outline (3.90 mm), 8-Lead MS = Plastic MSOP, 8-Lead ST = Plastic Thin Shrink Small Outline, (4.4 mm),14-Lead SL = Plastic Small Outline, (3.90 mm), 14-Lead Class (Blank) = Non-Automotive VAO = Automotive XXX(2) Class Note 1: The Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. 2: Automotive parts are AEC-Q100 qualified, Grade 1 |