データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6477-E/MS データシート(PDF) 9 Page - Microchip Technology

部品番号 MCP6477-E/MS
部品情報  3 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6477-E/MS データシート(HTML) 9 Page - Microchip Technology

Back Button MCP6477-E/MS Datasheet HTML 5Page - Microchip Technology MCP6477-E/MS Datasheet HTML 6Page - Microchip Technology MCP6477-E/MS Datasheet HTML 7Page - Microchip Technology MCP6477-E/MS Datasheet HTML 8Page - Microchip Technology MCP6477-E/MS Datasheet HTML 9Page - Microchip Technology MCP6477-E/MS Datasheet HTML 10Page - Microchip Technology MCP6477-E/MS Datasheet HTML 11Page - Microchip Technology MCP6477-E/MS Datasheet HTML 12Page - Microchip Technology MCP6477-E/MS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
 2020-2021 Microchip Technology Inc.
DS20006419B-page 9
MCP6476/6R/6U/7/9
Note: Unless otherwise indicated, TA= +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/4, VOUT =VDD/2,
VL =VDD/2, RL = 10 k to VL and CL = 30 pF.
FIGURE 2-24:
EMIRR vs. RF Input
Peak-to-Peak Voltage.
FIGURE 2-25:
Channel Separation vs.
Frequency.
FIGURE 2-26:
Maximum Output Voltage
Swing vs. Frequency.
0
20
40
60
80
100
120
0.01
0.1
1
RF Input Peak Voltage (V
PK)
EMIRR @ 2400 MHz
EMIRR @ 1800 MHz
EMIRR @ 900 MHz
EMIRR @ 400 MHz
-140
-120
-100
-80
-60
-40
-20
0
1E+3
1E+4
1E+5
1E+6
1E+7
Frequency (Hz)
1k
10k
100k
1M
10M
0.1
1
10
1E+3
1E+4
1E+5
1E+6
1E+7
Frequency (Hz)
1k
10k
100k
1M
10M
V
DD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46