データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSD312 データシート(PDF) 55 Page - STMicroelectronics

部品番号 PSD312
部品情報  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD312 データシート(HTML) 55 Page - STMicroelectronics

Back Button PSD312 Datasheet HTML 51Page - STMicroelectronics PSD312 Datasheet HTML 52Page - STMicroelectronics PSD312 Datasheet HTML 53Page - STMicroelectronics PSD312 Datasheet HTML 54Page - STMicroelectronics PSD312 Datasheet HTML 55Page - STMicroelectronics PSD312 Datasheet HTML 56Page - STMicroelectronics PSD312 Datasheet HTML 57Page - STMicroelectronics PSD312 Datasheet HTML 58Page - STMicroelectronics PSD312 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 85 page
background image
PSD3XX Family
52
Figure 28. Timing of 8-Bit Non-Multiplexed Address/Data Bus Using RD, WR (PSD3X1)
18
8
19
DATA VALID
CSI/A19
as CSI
12
5
1
7
15
32
14
14
6
6
10
9
2
3
4
32
13
2
16
17
12A
13
20
INPUT
OUTPUT
READ CYCLE
WRITE CYCLE
STABLE INPUT
STABLE INPUT
A0/AD0-
A15/AD15
as A0-A15
STABLE INPUT
STABLE INPUT
Direct (1)
PAD Input
PC0-PC2,
CSI/A19 as
Multiplexed
Inputs
DATA
IN
PA0-PA7
Active Low
ALE
Active High
ALE
RD/E as RD
Any of
PB0-PB7
as I/O Pin
1
3
11
32
32
WR/VPP or
R/W as WR
36
See referenced notes on page 64.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85