| データシートサーチシステム |
|
LP3971 データシート(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP3971 データシート(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 42 page ![]() Connection Diagrams and Package Mark Information (Continued) Package Mark 20180704 Top View Note: The actual physical placement of the package marking will vary from part to part. The package marking “UZYY” designates the date code. “TT” is a NSC internal code for die traceability. Both will vary considerably. “LP3971SQF” identifies the device (part number, option, etc.). Ordering Information Option Order Number Package Marking Supplied As Default Voltage version – A** LP3971SQ-A514 71-A514 250 units, Tape-and-Reel Default Voltage version – A** LP3971SQX-A514 71-A514 2500 units, Tape-and-Reel ‘Default Voltage version - B LP3971SQ-B410 71-B410 250 units, Tape-and-Reel Default Voltage version - B LP3971SQX-B410 71-B410 2500 units, Tape-and-Reel ** To be Released 20180705 Default V OUT Coding Z Default V OUT 0 1.3 1 1.8 2 2.5 3 2.8 4 3.0 5 3.3 www.national.com 3 |