データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX3942EVKIT データシート(PDF) 1 Page - Maxim Integrated Products

部品番号 MAX3942EVKIT
部品情報  Configured for Electrical Operation, No Laser Necessary
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3942EVKIT データシート(HTML) 1 Page - Maxim Integrated Products

  MAX3942EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX3942EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX3942EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX3942EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX3942EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX3942EVKIT Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
__________________________________________________________________Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
MAX3942 Evaluation Kit
_________________General Description
The MAX3942 evaluation kit (EV kit) is an assembled
demonstration board that provides electrical evaluation of
the MAX3942 10.7Gbps modulator driver. The outputs are
interfaced to SMA connectors that can be connected to a
50
Ω terminated oscilloscope.
_____________________ Component List
DESIGNATION QTY
DESCRIPTION
C1
1
22
µF ±10% tantalum capacitor
AVX TAJB226K010
C2
1
10
µF ±10% tantalum capacitor
AVX TAJA106K010
C3
1
0.1
µF ±10% ceramic capacitor
(0402)
C10, C25, C26,
C27, C28, C33
6
100pF
±5% ceramic capacitors
(0201)
C22, C24, C29,
C31, C42
5
0.01
µF ±10% ceramic capacitors
(0402)
J5, J9
2
SMB connectors, PC mount
J6, J16,
J31
−J34
6
SMA connectors, edge mount,
EF Johnson 142-0701-851
JP1, JP3
2
3-pin headers, 0.1in centers
JP2, JP8,
JP9, JP10
4
2-pin headers, 0.1in centers
L1
1
47nH inductor (0402)
R1, R3
2
2k
Ω variable resistors
Bourns 3296W-202
R2
1
1k
Ω ±5% resistor (0402)
R4
1
4.02k
Ω ±1% resistor (0402)
TP4, TP8, TP9,
TP12, TP13,
TP15, J10, J11
8
Test points
U4
1
MAX3942ETG
None
1
MAX3942 EV kit circuit board,
rev A
None
1
MAX3942 EV kit data sheet
None
1
MAX3942 data sheet
None
7
Shunts
_____________________________Features
SMA Connectors for All High-Speed I/Os
Configured for Electrical Operation, No Laser
Necessary
Single -5.2V Power-Supply Operation
Fully Assembled and Tested
_________________Ordering Information
PART
TEMP RANGE
IC PACKAGE
MAX3942EVKIT
-40°C to +85°C
24 THIN QFN
________________ Component Suppliers
SUPPLIER
PHONE
FAX
AVX
843-444-2863
843-626-3123
EF Johnson
402-474-4800
402-474-4858
Murata
415-964-6321
415-964-8165
Note: Please indicate that you are using the MAX3942 when
ordering from these suppliers.
_________________ Detailed Description
The MAX3942 EV kit is a fully assembled and factory
tested demonstration board that enables testing of all
MAX3942 functions.
Test Equipment Required
Test Equipment Required
Test Equipment Required
Test Equipment Required
-5.2V power supply with 300mA current capability
Signal-source, 10Gbps minimum capability
Oscilloscope with at least 15GHz performance
Test Equipment Interface
Test Equipment Interface
Test Equipment Interface
Test Equipment Interface
Warning: The data and clock inputs (DATA±, CLK±) are
DC-coupled to the SMA connectors, so be sure to set
proper common-mode voltages for these inputs. The
modulation outputs (OUT±) are also DC-coupled to the
SMA connectors and require a 50
Ω to ground load for
proper operation.
19-3093; Rev 0; 12/03


同様の部品番号 - MAX3942EVKIT

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX3942ETG MAXIM-MAX3942ETG Datasheet
227Kb / 10P
10Gbps Modulator Driver
Rev 1; 6/07
MAX3942ETG+ MAXIM-MAX3942ETG+ Datasheet
227Kb / 10P
10Gbps Modulator Driver
Rev 1; 6/07
More results

同様の説明 - MAX3942EVKIT

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
CSTCC2M00G53-B0 MURATA-CSTCC2M00G53-B0 Datasheet
182Kb / 3P
no adjustment is necessary for oscillation circuits
CSTCR5M00G53Z-R0 MURATA-CSTCR5M00G53Z-R0 Datasheet
190Kb / 3P
no adjustment is necessary for oscillation circuits
CSTCR6M00G55-R0 MURATA-CSTCR6M00G55-R0 Datasheet
192Kb / 3P
no adjustment is necessary for oscillation circuits
CSTCR6M14G53-R0 MURATA-CSTCR6M14G53-R0 Datasheet
189Kb / 3P
no adjustment is necessary for oscillation circuits
CSTCR6M60G55B-R0 MURATA-CSTCR6M60G55B-R0 Datasheet
191Kb / 3P
no adjustment is necessary for oscillation circuits
CSTCR6M75G53-R0 MURATA-CSTCR6M75G53-R0 Datasheet
189Kb / 3P
no adjustment is necessary for oscillation circuits
CSTCR7M00G55-R0 MURATA-CSTCR7M00G55-R0 Datasheet
192Kb / 3P
no adjustment is necessary for oscillation circuits
CSTCR7M50G55B-R0 MURATA-CSTCR7M50G55B-R0 Datasheet
190Kb / 3P
no adjustment is necessary for oscillation circuits
CSTCV40M0X51Q-R0 MURATA-CSTCV40M0X51Q-R0 Datasheet
194Kb / 3P
no adjustment is necessary for oscillation circuits
CSTCW16M9X51008-R0 MURATA-CSTCW16M9X51008-R0 Datasheet
191Kb / 3P
no adjustment is necessary for oscillation circuits
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com