データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX3942EVKIT データシート(PDF) 2 Page - Maxim Integrated Products

部品番号 MAX3942EVKIT
部品情報  Configured for Electrical Operation, No Laser Necessary
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3942EVKIT データシート(HTML) 2 Page - Maxim Integrated Products

  MAX3942EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX3942EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX3942EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX3942EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX3942EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX3942EVKIT Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MAX3942 Evaluation Kit
2 __________________________________________________________________________________________________
_____________________________________________________________________ Quick Start
1) If the data is to be latched, place shunt on JP8
(RTEN) to enable the clock inputs. Otherwise, leave it
open.
2) Install a jumper on JP2.
3) Install a jumper on the right side of JP3. This allows
adjustment of MODSET using R3.
4) To use the pulse-width control (PWC) install a jumper
on the lower two pins of JP1. To disable PWC place a
jumper on the top two pins of JP1.
5) Ensure that a jumper is not installed on JP9 (MODEN)
and enable modulation.
6) Connect a differential signal source to J34 (DATA+)
and J33 (DATA-). Refer to the MAX3942 data sheet to
determine voltage levels.
7) If the latch is enabled, apply a differential clock signal
to J2 (CLK+) and J31 (CLK-). Refer to the MAX3942
data sheet to determine voltage levels.
8)
Connect a high-bandwidth oscilloscope, such as the
Tektronix CSA8000 with 80E01 sampling heads, to
J16 (OUT+) and J6 (OUT-).
9)
High-quality SMA attenuators (14dB or 20dB) are
required to reduce the signal level for compatibility
with the most sampling heads. The attenuators should
be connected directly to the output SMA connectors
on the EV kit to minimize transmission line reflections.
10) Attach a -5.2V power supply to J10 (GND) and J11
(VEE). Set the current limit to 300mA and power up
the board.
11) Adjust R3 (MODSET) until the desired modulation
swing is achieved.
12) Adjust R1 (PWC) until the desired pulse width is
achieved (if PWC is enabled, see step 5).
13) If desired, place a shunt on JP10 (PLRT) to invert the
output data polarity.
_______________________________________ Adjustments and Control Descriptions
COMPONENT
NAME
FUNCTION
JP1
PWC
This jumper enables/disables the pulse-width-control circuitry. Place a shunt on
the top two pins to disable the PWC circuitry. Place a shunt on the bottom two pins
to enable the PWC circuitry.
JP3
MODSET
Place a jumper on the right-hand side of this jumper to connect the RMODSET
potentiometer to the MAX3942. Place a jumper on the left-hand side of this jumper
to connect the MODSET pin to the SMB connector for AC testing.
JP8
RTEN
Enables/disables data retiming. Shunt to enable data retiming. Remove shunt for
direct data transmission.
JP9
MODEN
Enables/disables modulation output. Shunt to disable switching of the data output.
When shunted, the output goes to the absorbtive (logic 0) state. Remove shunt to
enable modulation.
JP10
PLRT
Enables/disables the polarity inversion function. Shunt to invert the polarity of the
output data. Shunting this jumper shorts the PLRT pin to VEE. Leave open for
normal operation.
R1
RPWC
Adjusts the EAM pulse width. Turn the potentiometer screw counter-clockwise to
increase the logic 1 width.
R3
RMODSET
Adjusts the EAM modulation current. Turn the potentiometer screw clockwise to
increase the modulation amplitude (decrease the resistance of MODSET to GND).



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com