| データシートサーチシステム |
|
STM6717 データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6717 データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 25 page ![]() 21/25 STM6717/6718/6719/6720/6777/6778/6779*/6780* Figure 29. SOT23-5 – 5-lead Small Outline Transistor Package Mechanical Drawing Note: Drawing is not to scale. Table 8. SOT23-5 – 5-lead Small Outline Transistor Package Mechanical Data Note: Dimensions per JEDEC SOT/SOP Product Outline MO-178C, variation AA Symb mm inches Typ Min Max Typ Min Max A – –1.45– – 0.057 A1 – – 0.15 – – 0.006 A2 1.15 0.90 1.30 0.045 0.035 0.051 b – 0.30 0.50 – 0.012 0.020 C – 0.08 0.22 – 0.003 0.009 D 2.90 – – 0.114 – – E 2.80 – – 0.110 – – E1 1.60 – – 0.063 – – e0.95– – 0.037 – – e1 1.90 – – 0.075 – – L 0.45 0.30 0.60 0.018 0.012 0.024 Θ 4° 0° 8° 4° 0° 8° N5 5 SOT23-5b C 0.10 A A2 A1 5x C D e1 e E A M CA B 5x b 0.20 1 B E1 C L θ Datum A 0.20 |