データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MOC3063M. データシート(PDF) 8 Page - ON Semiconductor

部品番号 MOC3063M.
部品情報  6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MOC3063M. データシート(HTML) 8 Page - ON Semiconductor

Back Button MOC3063M. Datasheet HTML 4Page - ON Semiconductor MOC3063M. Datasheet HTML 5Page - ON Semiconductor MOC3063M. Datasheet HTML 6Page - ON Semiconductor MOC3063M. Datasheet HTML 7Page - ON Semiconductor MOC3063M. Datasheet HTML 8Page - ON Semiconductor MOC3063M. Datasheet HTML 9Page - ON Semiconductor MOC3063M. Datasheet HTML 10Page - ON Semiconductor MOC3063M. Datasheet HTML 11Page - ON Semiconductor MOC3063M. Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MOC3061M, MOC3062M, MOC3063M, MOC3162M, MOC3163M
www.onsemi.com
8
ORDERING INFORMATION (Note 5)
Part Number
Package
Shipping†
MOC3061M
DIP 6−Pin
(Pb−Free)
50 Units / Tube
MOC3061SM
SMT 6−Pin (Lead Bend)
(Pb−Free)
50 Units / Tube
MOC3061SR2M
SMT 6−Pin (Lead Bend)
(Pb−Free)
1000 / Tape & Reel
MOC3061VM
DIP 6−Pin, DIN EN/IEC60747−5−5 Option
(Pb−Free)
50 Units / Tube
MOC3061SVM
SMT 6−Pin (Lead Bend), DIN EN/IEC60747−5−5 Option
(Pb−Free)
50 Units / Tube
MOC3061SR2VM
SMT 6−Pin (Lead Bend), DIN EN/IEC60747−5−5 Option
(Pb−Free)
1000 / Tape & Reel
MOC3061TVM
DIP 6−Pin, 0.4” Lead Spacing, DIN EN/IEC60747−5−5 Option
(Pb−Free)
50 Units / Tube
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
5. The product orderable part number system listed in this table also applies to the MOC3062M, MOC3063M, MOC3162M, and MOC3163M
product families.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12