データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

750-806 データシート(PDF) 5 Page - WAGO Kontakttechnik GmbH & Co. KG

部品番号 750-806
部品情報  Controller DeviceNet
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
ホームページ  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

750-806 データシート(HTML) 5 Page - WAGO Kontakttechnik GmbH & Co. KG

  750-806 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 750-806 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 750-806 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 750-806 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 750-806 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 750-806 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 750-806 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 750-806 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 750-806 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data sheet | Item number: 750-806
www.wago.com/750-806
Subject to changes. Please also observe the further product documentation!
WAGO Kontakttechnik GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
02.09.2021    Page /
5 14
Conformity marking
CE
Environmental requirements
Surrounding air temperature (operation)
0 … 55 °C
Surrounding air temperature (storage)
-25 … 85 °C
Protection type
IP20
Pollution degree (5)
2 per IEC 61131-2
Operating altitude
without temperature derating: 0 … 2000 m; with temperature
derating: 2000 … 5000 m (0.5 K/100 m); 5000 m (max.)
Relative humidity (without condensation)
95 %
 
Mounting position
any
Mounting type
DIN-35 rail
Vibration resistance
4g per IEC 60068-2-6
Shock resistance
15g per IEC 60068-2-27
EMC immunity to interference
per EN 61000-6-2, marine applications
EMC emission of interference
per EN 61000-6-4, marine applications
Exposure to pollutants
Per IEC 60068-2-42 and IEC 60068-2-43
Fire load
2.587 MJ
 
Permissible H S contaminant concentration at a relative humidity 75
2
%
10 ppm
 
Permissible SO contaminant concentration at a relative humidity 75
2
%
25 ppm
 
Commercial data
Product Group
15 (Remote I/O)
PU (SPU)
1 Stück
Packaging type
box
Country of origin
DE
GTIN
4045454527020
Customs tariff number
85371091990
Approvals / Certificates
Ex-Approvals
Logo
Approval
Additional Approval Text
Certificate name
ATEX
TUEV Nord Cert GmbH
EN 60079-0
TÜV 07 ATEX
554086 X en.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com