データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

750-806 データシート(PDF) 8 Page - WAGO Kontakttechnik GmbH & Co. KG

部品番号 750-806
部品情報  Controller DeviceNet
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
ホームページ  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

750-806 データシート(HTML) 8 Page - WAGO Kontakttechnik GmbH & Co. KG

Back Button 750-806 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 750-806 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 750-806 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 750-806 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 750-806 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 750-806 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG 750-806 Datasheet HTML 10Page - WAGO Kontakttechnik GmbH & Co. KG 750-806 Datasheet HTML 11Page - WAGO Kontakttechnik GmbH & Co. KG 750-806 Datasheet HTML 12Page - WAGO Kontakttechnik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data sheet | Item number: 750-806
www.wago.com/750-806
Subject to changes. Please also observe the further product documentation!
WAGO Kontakttechnik GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
02.09.2021    Page /
8 14
Item no.: 210-198
Copper carrier rail; 35 x 15 mm; 2.3 mm thick; 2 m long; unslotted; according to EN 60715; copper-
colored
www.wago.com/210-198
Item no.: 210-504
Steel carrier rail; 35 x 7.5 mm; 1 mm thick; 2 m long; slotted; galvanized; according to EN 60715; silver-
colored
www.wago.com/210-504
Item no.: 210-505
Steel carrier rail; 35 x 7.5 mm; 1 mm thick; 2 m long; unslotted; galvanized; according to EN 60715;
silver-colored
www.wago.com/210-505
Item no.: 210-506
Steel carrier rail; 35 x 15 mm; 1.5 mm thick; 2 m long; unslotted; galvanized; similar to EN 60715; silver-
colored
www.wago.com/210-506
Item no.: 210-508
Steel carrier rail; 35 x 15 mm; 1.5 mm thick; 2 m long; slotted; galvanized; similar to EN 60715; silver-
colored
www.wago.com/210-508
Item no.: 210-113
Steel carrier rail; 35 x 7.5 mm; 1 mm thick; 2 m long; unslotted; according to EN 60715; silver-colored
www.wago.com/210-113
Item no.: 210-118
Steel carrier rail; 35 x 15 mm; 2.3 mm thick; 2 m long; unslotted; according to EN 60715; silver-colored
www.wago.com/210-118
Item no.: 210-112
Steel carrier rail; 35 x 7.5 mm; 1 mm thick; 2 m long; slotted; according to EN 60715; "Hole width 25 mm;
silver-colored
www.wago.com/210-112
Item no.: 210-114
Steel carrier rail; 35 x 15 mm; 1.5 mm thick; 2 m long; unslotted; similar to EN 60715; silver-colored
www.wago.com/210-114
Item no.: 210-115
Steel carrier rail; 35 x 7.5 mm; 1 mm thick; 2 m long; slotted; according to EN 60715; "Hole width 18 mm;
silver-colored
www.wago.com/210-115
Item no.: 210-196
Aluminum carrier rail; 35 x 8.2 mm; 1.6 mm thick; 2 m long; unslotted; similar to EN 60715; silver-colored
www.wago.com/210-196
System housing
    System enclosure
Item no.: 850-814/002-000
IP65 enclosure; Sheet steel (RAL 7035); WxHxD (200x120x200 mm); without flange plate
www.wago.com/850-814
/002-000
Item no.: 850-815/002-000
IP65 enclosure; Sheet steel (RAL 7035); WxHxD (300x120x200 mm); without flange plate
www.wago.com/850-815
/002-000
Item no.: 850-816/002-000
IP65 enclosure; Sheet steel (RAL 7035); WxHxD (400x120x200 mm); without flange plate
www.wago.com/850-816
/002-000
Item no.: 850-817/002-000
www.wago.com/850-817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com