| データシートサーチシステム |
|
AT24CSW01X データシート(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AT24CSW01X データシート(HTML) 24 Page - Microchip Technology |
|
24 / 41 page ![]() Figure 8-3. Read Write Protection Register SCL SDA Start by Host Device Address Byte Word Address Byte MSb MSb 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 9 1 0 1 1 # # # 0 0 Dummy Write Start by Host Device Address Byte WPR Contents Stop by Host MSb MSb 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 9 1 0 1 1 # # # 1 0 0 0 0 0 D3 D2 D1 D0 1 1 1 X X X X X X 0 ACK from Client ACK from Client ACK from Client NACK from Host Note: # indicates the hardware address value which is managed by the ordering code of the device (see Table 6-2). AT24CSW01X/AT24CSW02X Write Protection © 2020-2021 Microchip Technology Inc. and its subsidiaries Datasheet DS20006396B-page 24 |