データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT24CSW01X データシート(PDF) 15 Page - Microchip Technology

部品番号 AT24CSW01X
部品情報  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 1?멚bit (128 x 8), 2?멚bit (256 x 8)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW01X データシート(HTML) 15 Page - Microchip Technology

Back Button AT24CSW01X Datasheet HTML 11Page - Microchip Technology AT24CSW01X Datasheet HTML 12Page - Microchip Technology AT24CSW01X Datasheet HTML 13Page - Microchip Technology AT24CSW01X Datasheet HTML 14Page - Microchip Technology AT24CSW01X Datasheet HTML 15Page - Microchip Technology AT24CSW01X Datasheet HTML 16Page - Microchip Technology AT24CSW01X Datasheet HTML 17Page - Microchip Technology AT24CSW01X Datasheet HTML 18Page - Microchip Technology AT24CSW01X Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
Figure 5-2. Software Reset
SCL
9
Device is
8
3
2
1
SDA
Dummy Clock Cycles
SDA Released
Software Reset
by EEPROM
In the event that the device is still non-responsive or remains active on the SDA bus, a power cycle must be used to
reset the device (see Power-Up Requirements and Reset Behavior).
AT24CSW01X/AT24CSW02X
Device Operation and Communication
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006396B-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41