| データシートサーチシステム |
|
PLL702-03 データシート(PDF) 6 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL702-03 データシート(HTML) 6 Page - PhaseLink Corporation |
|
6 / 7 page ![]() Preliminary PLL702-03 Low EMI Peripheral Clock Generator for Notebook PCs 47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 Rev 10/06/02 Page 6 3. DC Specification PARAMETERS SYMBOL CONDITIONS MIN. TYP. MAX. UNITS Operating Voltage VDD Nominal voltage 3.3V 2.97 3.63 V Input High Voltage VIH VDD/2 V Input Low Voltage VIL VDD/2 VDD/2 - 1 V Input High Voltage VIH For all Tri-level input VDD-0.5 V Input Low Voltage VIL For all Tri-level input 0.5 V Input High Voltage VIH For all normal input 2 V Input Low Voltage VIL For all normal input 0.8 V IOH = -30mA (normal drive) Output High Voltage VOH IOH = -60mA (double drive) 2.4 V IOL = 30mA (normal drive) Output Low Voltage VOL IOH = -60mA (double drive) 0.4 V Output High Voltage At CMOS Level VOH IOH = -8mA VDD-0.4 V Normal drive strength 30 Nominal Output Current IOUT Double drive strength 60 mA Operating Supply Current IDD No Load 35 mA Short-circuit Current IS ±100 mA |