データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DA9217 データシート(PDF) 26 Page - Dialog Semiconductor

部品番号 DA9217
部品情報  High-Performance Dual-Phase DC-DC Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIALOG [Dialog Semiconductor]
ホームページ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9217 データシート(HTML) 26 Page - Dialog Semiconductor

Back Button DA9217 Datasheet HTML 22Page - Dialog Semiconductor DA9217 Datasheet HTML 23Page - Dialog Semiconductor DA9217 Datasheet HTML 24Page - Dialog Semiconductor DA9217 Datasheet HTML 25Page - Dialog Semiconductor DA9217 Datasheet HTML 26Page - Dialog Semiconductor DA9217 Datasheet HTML 27Page - Dialog Semiconductor DA9217 Datasheet HTML 28Page - Dialog Semiconductor DA9217 Datasheet HTML 29Page - Dialog Semiconductor DA9217 Datasheet HTML 30Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
DA9217
High-Performance Dual-Phase DC-DC Converter
Datasheet
Revision 2.0
18-Sep-2020
CFR0011-120-00
26 of 48
© 2020 Dialog Semiconductor
Register Name
Description
CH#_A_VOUT[7:0]
CH# output voltage setting A : CH#_A_VOUT * 10 mV
Setting under 0.3V is clamped to 0.3V, and setting over 1.9V is clamped to 1.9 V
CH#_B_VOUT[7:0]
CH# output voltage setting B : CH#_A_VOUT * 10 mV
Setting under 0.3 V is clamped to 0.3 V, and setting over 1.9V is clamped to 1.9 V
CH#_A_MODE[1:0]
Operation mode selection
0: Force PFM
1: Force PWM. full phase
2: Force PWM with phase shedding
3: Auto mode
CH#_B_MODE[1:0]
Operation mode selection
0: Force PFM
1: Force PWM. full phase
2: Force PWM with phase shedding
3: Auto mode
4.3
Operating Modes
4.3.1
ON
DA9217 is ON when the IC_EN port is higher than VIH_EN and the supply voltage is higher than
VTHR_POR. Once enabled, the host processor can start communicating with DA9217 using the control
interface, after the tIC_EN delay.
4.3.2
OFF
DA9217 is OFF when the IC_EN port is lower than VIL_EN. In OFF, the bucks are always disabled and
LX nodes are pulled down by (typically 150 Ω) internal pull-down resistors.
4.4
I2C Communication
All features of DA9217 can be controlled with the I2C interface which is enabled or disabled in
register I2C_EN.
I2C_EN
Description
0
I2C disable: SCL/GPIO3 and SDA/GPIO4 pins can be used as GPIO
1
I2C enable: SCL/GPIO3 and SDA/GPIO4 pins are used as I2C clock input and I2C data
input/output.
GPIO3 functions as the I2C clock and GPIO4 carries all the power manager bidirectional I2C data.
The I2C interface is open-drain supporting multiple devices on a single line. The bus lines have to be
pulled high by external pull-up resistors (2
kΩ to 20 kΩ). The standard frequency of the I2C bus is
1 MHz in fast-mode plus (FM+), 400 kHz in fast-mode, or 100 kHz in standard mode.
4.4.1
I2C Protocol
All data is transmitted across the I2C bus in eight-bit groups. To send a bit, the SDA line is driven
towards the intended state while the SCL is low (a low SDA indicates a zero bit). Once the SDA has
settled, the SCL line is brought high and then low. This pulse on SCL clocks the SDA bit into the
receiver’s shift register.
A two-byte serial protocol is used containing one byte for address and one byte data. Data and
address transfer are transmitted MSB first for both read and write operations. All transmissions begin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com