| データシートサーチシステム |
|
USB5926CT/KD データシート(PDF) 53 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5926CT/KD データシート(HTML) 53 Page - Microchip Technology |
|
53 / 66 page ![]() 2016-2021 Microchip Technology Inc. DS00002234E-page 53 USB5926 10.6.2 POWER-ON AND CONFIGURATION STRAP TIMING Figure 10-3 illustrates the configuration strap valid timing requirements in relation to power-on, for applications where RESET_N is not used at power-on. In order for valid configuration strap values to be read at power-on, the following timing requirements must be met. The operational levels (Vopp) for the external power supplies are detailed in Section 10.2, Operating Conditions**. Device configuration straps are also latched as a result of RESET_N assertion. Refer to Section 10.6.3, Reset and Con- figuration Strap Timing for additional details. 10.6.3 RESET AND CONFIGURATION STRAP TIMING Figure 10-4 illustrates the RESET_N pin timing requirements and its relation to the configuration strap pins. Assertion of RESET_N is not a requirement. However, if used, it must be asserted for the minimum period specified. Refer to Section 8.3, Resets for additional information on resets. Refer to Section 3.5, Configuration Straps and Programmable Functions for additional information on configuration straps. FIGURE 10-3: POWER-ON CONFIGURATION STRAP VALID TIMING TABLE 10-6: POWER-ON CONFIGURATION STRAP LATCHING TIMING Symbol Description Min Typ Max Units tcsh Configuration strap hold after external power supplies at opera- tional levels 1 ms FIGURE 10-4: RESET_N CONFIGURATION STRAP TIMING TABLE 10-7: RESET_N CONFIGURATION STRAP TIMING Symbol Description Min Typ Max Units trstia RESET_N input assertion time 5 s tcsh Configuration strap pins hold after RESET_N deassertion 1 ms Note: The clock input must be stable prior to RESET_N deassertion. Configuration strap latching and output drive timings shown assume that the Power-On reset has finished first otherwise the timings in Section 10.6.2, Power-On and Configuration Strap Timing apply. All External Power Supplies Vopp Configuration Straps RESET_N Configuration Straps trstia tcsh |