| データシートサーチシステム |
|
USB5926CT/KD データシート(PDF) 54 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5926CT/KD データシート(HTML) 54 Page - Microchip Technology |
|
54 / 66 page ![]() USB5926 DS00002234E-page 54 2016-2021 Microchip Technology Inc. 10.6.4 USB TIMING All device USB signals confirm to the voltage, power, and timing characteristics/specifications as set forth in the Univer- sal Serial Bus Specification. Please refer to the Universal Serial Bus Revision 3.2 Specification, available at http:// www.usb.org/developers/docs. 10.6.5 I2C TIMING All device I2C signals confirm to the 100KHz Standard Mode (Sm) voltage, power, and timing characteristics/specifica- tions as set forth in the I2C-Bus Specification. Please refer to the I2C-Bus Specification, available at http://www.nxp.com/ documents/user_manual/UM10204.pdf. 10.6.6 SMBUS TIMING All device SMBus signals confirm to the voltage, power, and timing characteristics/specifications as set forth in the Sys- tem Management Bus Specification. Please refer to the System Management Bus Specification, Version 1.0, available at http://smbus.org/specs. 10.6.7 SPI TIMING This section specifies the SPI timing requirements for the device. FIGURE 10-5: SPI TIMING TABLE 10-8: SPI TIMING (30 MHZ OPERATION) Symbol Description Min Typ Max Units tfc Clock frequency 30 MHz tceh Chip enable ( SPI_CE_EN) high time 100 ns tclq Clock to input data 13 ns tdh Input data hold time 0 ns tos Output setup time 5 ns toh Output hold time 5 ns tov Clock to output valid 4 ns tcel Chip enable ( SPI_CE_EN) low to first clock 12 ns tceh Last clock to chip enable ( SPI_CE_EN) high 12 ns SPI_CLK SPI_DI SPI_DO SPI_CE_N tcel tfc tclq tceh tdh toh tos tov toh |