データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB7216CT-I/KDX データシート(PDF) 41 Page - Microchip Technology

部品番号 USB7216CT-I/KDX
部品情報  6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7216CT-I/KDX データシート(HTML) 41 Page - Microchip Technology

Back Button USB7216CT-I/KDX Datasheet HTML 37Page - Microchip Technology USB7216CT-I/KDX Datasheet HTML 38Page - Microchip Technology USB7216CT-I/KDX Datasheet HTML 39Page - Microchip Technology USB7216CT-I/KDX Datasheet HTML 40Page - Microchip Technology USB7216CT-I/KDX Datasheet HTML 41Page - Microchip Technology USB7216CT-I/KDX Datasheet HTML 42Page - Microchip Technology USB7216CT-I/KDX Datasheet HTML 43Page - Microchip Technology USB7216CT-I/KDX Datasheet HTML 44Page - Microchip Technology USB7216CT-I/KDX Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
2021 Microchip Technology Inc.
DS00003851A-page 41
USB7216C
8.11.3
USB BUS RESET
In response to the upstream port signaling a reset to the device, the device performs the following:
1. Sets default address to 0.
2. Sets configuration to Unconfigured.
3. Moves device from suspended to active (if suspended).
4. Complies with the USB Specification for behavior after completion of a reset sequence.
The host then configures the device in accordance with the USB Specification.
Note:
The device does not propagate the upstream USB reset to downstream devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60