データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB7216CT-I/KDX データシート(PDF) 52 Page - Microchip Technology

部品番号 USB7216CT-I/KDX
部品情報  6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7216CT-I/KDX データシート(HTML) 52 Page - Microchip Technology

Back Button USB7216CT-I/KDX Datasheet HTML 48Page - Microchip Technology USB7216CT-I/KDX Datasheet HTML 49Page - Microchip Technology USB7216CT-I/KDX Datasheet HTML 50Page - Microchip Technology USB7216CT-I/KDX Datasheet HTML 51Page - Microchip Technology USB7216CT-I/KDX Datasheet HTML 52Page - Microchip Technology USB7216CT-I/KDX Datasheet HTML 53Page - Microchip Technology USB7216CT-I/KDX Datasheet HTML 54Page - Microchip Technology USB7216CT-I/KDX Datasheet HTML 55Page - Microchip Technology USB7216CT-I/KDX Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
USB7216C
DS00003851A-page 52
2021 Microchip Technology Inc.
10.0 PACKAGE OUTLINE
10.1 Package Marking Information
* Standard device marking consists of Microchip part number, year code, week code and traceability code.
For device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
Legend: i
Temperature range designator (Blank = commercial, i = industrial)
R
Product revision
nnn
Internal code
e3
Pb-free JEDEC® designator for Matte Tin (Sn)
YY
Year code (last two digits of calendar year)
WW Week code (week of January 1 is week ‘01’)
NNN Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
100-VQFN (12x12 mm)
PIN 1
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60