データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMC7101 データシート(PDF) 24 Page - Microchip Technology

部品番号 LMC7101
部品情報  Low-Power Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LMC7101 データシート(HTML) 24 Page - Microchip Technology

Back Button LMC7101 Datasheet HTML 20Page - Microchip Technology LMC7101 Datasheet HTML 21Page - Microchip Technology LMC7101 Datasheet HTML 22Page - Microchip Technology LMC7101 Datasheet HTML 23Page - Microchip Technology LMC7101 Datasheet HTML 24Page - Microchip Technology LMC7101 Datasheet HTML 25Page - Microchip Technology LMC7101 Datasheet HTML 26Page - Microchip Technology LMC7101 Datasheet HTML 27Page - Microchip Technology LMC7101 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LMC7101
DS20006282A-page 24
 2019 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Example
5-Lead SOT-23*
XXXX
NNN
A12A
971
TABLE 5-1:
MARKING CODES
Device
Marking Code
LMC7101A
A12A
LMC7101B
A12
Legend: XX...X
Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32