| データシートサーチシステム |
|
ICS421002AI01 データシート(PDF) 1 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS421002AI01 データシート(HTML) 1 Page - Integrated Circuit Systems |
|
1 / 13 page ![]() 8421002AGI-01 www.icst.com/products/hiperclocks.html REV. A FEBRUARY 6, 2006 1 Integrated Circuit Systems, Inc. ICS8421002I-01 FEMTOCLOCKS™CRYSTAL-TO- HSTL FREQUENCY SYNTHESIZER GENERAL DESCRIPTION The ICS8421002I-01 is a 2 output HSTL Synthesizer optimized to generate Ethernet reference clock frequencies and is a member of the HiPerClocksTM family of high performance clock solutions from ICS. Using a 25MHz, 18pF parallel resonant crystal, the following frequencies can be generated based on the 2 frequency select pins (F_SEL[1:0]): 156.25MHz, 125MHz and 62.5MHz. The ICS8421002I-01 uses ICS’ 3rd generation low phase noise VCO technology and can achieve 1ps or lower typi- cal r ms phase jitter, easily meeting Ether net jitter requirements. The ICS8421002I-01 is packaged in a small 20-pin TSSOP package. FEATURES • Two HSTL outputs (VOHmax = 1.5V) • Selectable crystal oscillator interface or LVCMOS/LVTTL single-ended input • Supports the following output frequencies: 156.25MHz, 125MHz, 62.5MHz • VCO range: 560MHz - 680MHz • RMS phase jitter @ 156.25MHz, using a 25MHz crystal (1.875MHz - 20MHz): 0.44ps (typical) • Power supply modes: Core/Output 3.3V/1.8V 2.5V/1.8V • -40°C to 85°C ambient operating temperature • Available in both standard and lead-free RoHS compliant packages HiPerClockS™ ICS 1 1 0 1 0 Phase Detector VCO M = 25 (fixed) F_SEL[1:0] 0 0 ÷4 (default) 0 1 ÷5 1 0 ÷10 1 1 Not Used 2 OSC ICS8421002I-01 20-Lead TSSOP 6.5mm x 4.4mm x 0.92mm package body G Package Top View BLOCK DIAGRAM y c n e u q e r F t u p t u O ) . f e R z H M 5 2 ( 1 L E S _ F0 L E S _ F r e d i v i D M e u l a V r e d i v i D N e u l a V 00 5 24 5 2 . 6 5 1 01 5 25 5 2 1 10 5 20 15 . 2 6 11 d e s u t o nd e s u t o n FREQUENCY SELECT FUNCTION TABLE F_SEL[1:0] nPLL_SEL REF_CLK XTAL_IN XTAL_OUT nXTAL_SEL MR Q0 nQ0 Q1 nQ1 Pulldown Pulldown 25MHz Pulldown Pulldown Pulldown nc VDDO Q0 nQ0 MR nPLL_SEL nc VDDA F_SEL0 VDD 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VDDO Q1 nQ1 GND VDD nXTAL_SEL REF_CLK XTAL_IN XTAL_OUT F_SEL1 PIN ASSIGNMENT |
同様の部品番号 - ICS421002AI01 |
|
同様の説明 - ICS421002AI01 |