| データシートサーチシステム |
|
ICS421002AI01 データシート(PDF) 5 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS421002AI01 データシート(HTML) 5 Page - Integrated Circuit Systems |
|
5 / 13 page ![]() 8421002AGI-01 www.icst.com/products/hiperclocks.html REV. A FEBRUARY 6, 2006 5 Integrated Circuit Systems, Inc. ICS8421002I-01 FEMTOCLOCKS™CRYSTAL-TO- HSTL FREQUENCY SYNTHESIZER TABLE 5A. AC CHARACTERISTICS, V DD = VDDA = 3.3V±5%,VDDO = 1.8V±0.2V, T A = -40°C TO 85°C TABLE 5B. AC CHARACTERISTICS, V DD = VDDA = 2.5V±5%,VDDO = 1.8V±0.2V, T A = -40°C TO 85°C l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U f T U O y c n e u q e r F t u p t u O 0 0 = ] 0 : 1 [ L E S _ F0 4 10 7 1z H M 1 0 = ] 0 : 1 [ L E S _ F2 1 16 3 1z H M 0 1 = ] 0 : 1 [ L E S _ F6 58 6z H M t ) o ( k s3 , 1 E T O N ; w e k S t u p t u O 0 2s p t ) Ø ( t ij ; ) m o d n a R ( r e t t i J e s a h P S M R 2 E T O N ) z H M 0 2 - z H M 5 7 8 . 1 ( , z H M 5 2 . 6 5 14 4 . 0s p ) z H M 0 2 - z H M 5 7 8 . 1 ( , z H M 5 2 18 4 . 0s p ) z H M 0 2 - z H M 5 7 8 . 1 ( , z H M 5 . 2 69 4 . 0s p t R t / F e m i T ll a F / e s i R t u p t u O% 0 8 o t % 0 25 1 25 1 8s p c d oe l c y C y t u D t u p t u O 8 42 5% . s n o i t i d n o c d a o l l a u q e h t i w d n a s e g a t l o v y l p p u s e m a s e h t t a s t u p t u o n e e w t e b w e k s s a d e n i f e D : 1 E T O N V t a d e r u s a e M O D D . 2 / . t o l P e s i o N e s a h P e h t o t r e f e r e s a e l P : 2 E T O N . 5 6 d r a d n a t S C E D E J h t i w e c n a d r o c c a n i d e n i f e d s i r e t e m a r a p s i h T : 3 E T O N l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U f T U O y c n e u q e r F t u p t u O 0 0 = ] 0 : 1 [ L E S _ F0 4 10 7 1z H M 1 0 = ] 0 : 1 [ L E S _ F2 1 16 3 1z H M 0 1 = ] 0 : 1 [ L E S _ F6 58 6z H M t ) o ( k s3 , 1 E T O N ; w e k S t u p t u O 0 2s p t ) Ø ( t ij ; ) m o d n a R ( r e t t i J e s a h P S M R 2 E T O N ) z H M 0 2 - z H M 5 7 8 . 1 ( , z H M 5 2 . 6 5 11 4 . 0s p ) z H M 0 2 - z H M 5 7 8 . 1 ( , z H M 5 2 19 4 . 0s p ) z H M 0 2 - z H M 5 7 8 . 1 ( , z H M 5 . 2 60 5 . 0s p t R t / F e m i T ll a F / e s i R t u p t u O% 0 8 o t % 0 25 1 35 1 7s p c d oe l c y C y t u D t u p t u O 8 42 5% . s n o i t i d n o c d a o l l a u q e h t i w d n a s e g a t l o v y l p p u s e m a s e h t t a s t u p t u o n e e w t e b w e k s s a d e n i f e D : 1 E T O N V t a d e r u s a e M O D D . 2 / . t o l P e s i o N e s a h P e h t o t r e f e r e s a e l P 2 E T O N . 5 6 d r a d n a t S C E D E J h t i w e c n a d r o c c a n i d e n i f e d s i r e t e m a r a p s i h T 3 E T O N |