データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMD-751 データシート(PDF) 3 Page - Advanced Micro Devices

部品番号 AMD-751
部品情報  AMD-751-TM System Controller Revision Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-751 データシート(HTML) 3 Page - Advanced Micro Devices

  AMD-751 Datasheet HTML 1Page - Advanced Micro Devices AMD-751 Datasheet HTML 2Page - Advanced Micro Devices AMD-751 Datasheet HTML 3Page - Advanced Micro Devices AMD-751 Datasheet HTML 4Page - Advanced Micro Devices AMD-751 Datasheet HTML 5Page - Advanced Micro Devices AMD-751 Datasheet HTML 6Page - Advanced Micro Devices AMD-751 Datasheet HTML 7Page - Advanced Micro Devices AMD-751 Datasheet HTML 8Page - Advanced Micro Devices AMD-751 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1
22564B-1—February 2000
AMD-751™ System Controller Revision Guide
Preliminary Information
AMD-751™ System Controller
Revision Guide
The purpose of the AMD-751™ System Controller Revision Guide is to communicate updated product
information on the AMD-751™ system controller to designers of computer systems and software
developers. This guide consists of three major sections:
s
Product Marking Identification: This section, which starts on page 2, provides product types,
product revisions, OPNs (Ordering Part Numbers), and product marking information.
s
Product Errata: This section, which starts on page 3, provides a detailed description of product
errata, including potential effects on system operation and suggested workarounds. An erratum is
defined as a deviation from the product’s specification. A product errata may cause the behavior of
the AMD-751 system controller to deviate from the published specifications.
s
Revision Determination: This section, which starts on page 11, describes the registers that identify
the current revision of the part.
s
Technical and Documentation Support: This section, which starts on page 12, provides a listing of
available technical support resources.
Revision Guide Policy
Occasionally AMD identifies deviations from or changes to the specification of the AMD-751 system
controller. These changes are documented in the AMD-751 System Controller Revision Guide as errata.
Descriptions are written to assist system and software designers in using the AMD-751 and corrections
to AMD’s documentation on the AMD-751 system controller are included. This release documents
currently characterized product errata.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14