データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMD-751 データシート(PDF) 8 Page - Advanced Micro Devices

部品番号 AMD-751
部品情報  AMD-751-TM System Controller Revision Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-751 データシート(HTML) 8 Page - Advanced Micro Devices

Back Button AMD-751 Datasheet HTML 4Page - Advanced Micro Devices AMD-751 Datasheet HTML 5Page - Advanced Micro Devices AMD-751 Datasheet HTML 6Page - Advanced Micro Devices AMD-751 Datasheet HTML 7Page - Advanced Micro Devices AMD-751 Datasheet HTML 8Page - Advanced Micro Devices AMD-751 Datasheet HTML 9Page - Advanced Micro Devices AMD-751 Datasheet HTML 10Page - Advanced Micro Devices AMD-751 Datasheet HTML 11Page - Advanced Micro Devices AMD-751 Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
6
AMD-751™ System Controller Revision Guide
22564B-1—February 2000
Preliminary Information
12
Incomplete AMD Athlon System Bus Disconnect Causes AMD-751 To
Hang
Products Affected. C3, C5
Description. An incomplete AMD Athlon™ system bus disconnect sequence (from the AMD Athlon
processor) can hang the AMD-751 system controller. The AMD Athlon may not complete a disconnect
sequence when using STPCLK-throttling power management.
Potential Effect on System. This problem can occur with ACPI thermal zone support (thermal-throttling
power management) or processor C2/C3 support enabled.
Suggested Workaround. STPCLK throttling (thermal zone) and processor C2/C3 are not supported at this
time. STPCLK throttling is not required for support of the ACPI S1 state.
Resolution Status. Fixed in C3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14