データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB5806CT/KD データシート(PDF) 25 Page - Microchip Technology

部品番号 USB5806CT/KD
部品情報  6-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5806CT/KD データシート(HTML) 25 Page - Microchip Technology

Back Button USB5806CT/KD Datasheet HTML 21Page - Microchip Technology USB5806CT/KD Datasheet HTML 22Page - Microchip Technology USB5806CT/KD Datasheet HTML 23Page - Microchip Technology USB5806CT/KD Datasheet HTML 24Page - Microchip Technology USB5806CT/KD Datasheet HTML 25Page - Microchip Technology USB5806CT/KD Datasheet HTML 26Page - Microchip Technology USB5806CT/KD Datasheet HTML 27Page - Microchip Technology USB5806CT/KD Datasheet HTML 28Page - Microchip Technology USB5806CT/KD Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
2019 - 2021 Microchip Technology Inc.
DS00003173B-page 25
USB5806C
5.8
Normal Mode
Lastly, the hub enters Normal Mode of operation. In this stage full USB operation is supported under control of the USB
Host on the upstream port. The device will remain in the normal mode until the operating mode is changed by the sys-
tem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61