データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB5806CT/KD データシート(PDF) 59 Page - Microchip Technology

部品番号 USB5806CT/KD
部品情報  6-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5806CT/KD データシート(HTML) 59 Page - Microchip Technology

Back Button USB5806CT/KD Datasheet HTML 53Page - Microchip Technology USB5806CT/KD Datasheet HTML 54Page - Microchip Technology USB5806CT/KD Datasheet HTML 55Page - Microchip Technology USB5806CT/KD Datasheet HTML 56Page - Microchip Technology USB5806CT/KD Datasheet HTML 57Page - Microchip Technology USB5806CT/KD Datasheet HTML 58Page - Microchip Technology USB5806CT/KD Datasheet HTML 59Page - Microchip Technology USB5806CT/KD Datasheet HTML 60Page - Microchip Technology USB5806CT/KD Datasheet HTML 61Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
2019 - 2021 Microchip Technology Inc.
DS00003173B-page 54
USB5806C
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
[-X]
/XX
Package
Temperature
Range
Device
Device:
USB5806C
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
Blank =
0C to +70C (Commercial)
I
= -40C to +85C (Industrial)
Package:
KD
= 100-pin VQFN
Examples:
a)
USB5806C/KD
Tray, Commercial temp., 100-pin VQFN
b)
USB5806C-I/KD
Tray, Industrial temp., 100-pin VQFN
c)
USB5806CT/KD
Tape & reel, Commercial temp., 100-pin VQFN
d)
USB5806CT-I/KD
Tape & reel, Industrial temp., 100-pin VQFN
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
Note 2:
Devices prior to silicon revision C do not
include the upgrades described in
Section 9.0, Compliance Update.
[X](1)
Tape and Reel
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61