データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS1743G データシート(PDF) 13 Page - ams AG

部品番号 AS1743G
部品情報  High-Speed, Low-Voltage, Single-Supply, 0.8-ohm, Dual SPST Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS1743G データシート(HTML) 13 Page - ams AG

Back Button AS1743G Datasheet HTML 7Page - ams AG AS1743G Datasheet HTML 8Page - ams AG AS1743G Datasheet HTML 9Page - ams AG AS1743G Datasheet HTML 10Page - ams AG AS1743G Datasheet HTML 11Page - ams AG AS1743G Datasheet HTML 12Page - ams AG AS1743G Datasheet HTML 13Page - ams AG AS1743G Datasheet HTML 14Page - ams AG AS1743G Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.austriamicrosystems.com
Revision 1.76
13 - 15
AS1741, AS1742, AS1743
austriamicrosystems
Data Sheet
Figure 19. 8-pin SOT23 Package
Symbol
Min
Max
A
0.90
1.45
A1
0.00
0.15
A2
0.90
1.30
b
0.22
0.38
C
0.09
0.20
D
2.80
3.10
E
2.60
3.00
E1
1.50
1.75
L
0.35
0.55
e
0.65REF
e1
1.95REf
α
0º
10º
Notes:
1. All dimensions are in millimeters.
2. Foot length measured at intercept point between datum A and
lead surface.
3. Package outline exclusive of mold flash and metal burr.
4. Package outline inclusive of solder plating.
5. Complies with EIAJ SC74 (6-lead version).
6. PKGST0005 (Rev B) refer to SOT23 8-lead SOT23-D-2019
(Rev C) package outline.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15