| データシートサーチシステム |
|
AS1743G データシート(PDF) 14 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1743G データシート(HTML) 14 Page - ams AG |
|
14 / 15 page ![]() www.austriamicrosystems.com Revision 1.76 14 - 15 AS1741, AS1742, AS1743 austriamicrosystems Data Sheet 11 Ordering Information The devices are available as the standard products shown in Table 7. † Available upon request Table 7. Ordering Information Model Markings Description Delivery Form Package AS1741G Dual SPST Switch Tube 8-pin MSOP AS1741G-T Dual SPST Switch Tape and Reel 8-pin MSOP AS1741H-T † ASJL Dual SPST Switch Tape and Reel 8-pin SOT23 AS1742G Dual SPST Switch Tube 8-pin MSOP AS1742G-T Dual SPST Switch Tape and Reel 8-pin MSOP AS1742H-T ASJK Dual SPST Switch Tape and Reel 8-pin SOT23 AS1743G Dual SPST Switch Tube 8-pin MSOP AS1743G-T Dual SPST Switch Tape and Reel 8-pin MSOP AS1743H-T † ASJM Dual SPST Switch Tape and Reel 8-pin SOT23 |