| データシートサーチシステム |
|
LHCC10040-100M-R7 データシート(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
LHCC10040-100M-R7 データシート(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
3 / 6 page ![]() Electrical Characteristics Part Number Inductance (uH) Tolerance (±%) Test Frequency (kHz) RDC (mΩ) Max Isat (A)Typ. Irms (A)Typ. LHCC10040-R22M-R7 0.22 20 100 0.6 45 35 LHCC10040-R36M-R7 0.36 20 100 1.2 42 34 LHCC10040-R45M-R7 0.45 20 100 1.2 38 33 LHCC10040-R47M-R7 0.47 20 100 1.2 38 33 LHCC10040-R56M-R7 0.56 20 100 1.55 32 27 LHCC10040-R68M-R7 0.68 20 100 1.55 30 27 LHCC10040-1R0M-R7 1.0 20 100 3.1 26 20 LHCC10040-1R5M-R7 1.5 20 100 4.2 22 16 LHCC10040-1R8M-R7 1.8 20 100 5 16 15.3 LHCC10040-2R2M-R7 2.2 20 100 7 16 14 LHCC10040-3R3M-R7 3.3 20 100 13.2 12 11 LHCC10040-4R7M-R7 4.7 20 100 16.5 12 9 LHCC10040-6R8M-R7 6.8 20 100 25 10 6 LHCC10040-8R2M-R7 8.2 20 100 30 9 6 LHCC10040-100M-R7 10 20 100 30 7 6.5 LHCC10040-150M-R7 15 20 100 45 6 6.25 LHCC10040-220M-R7 22 20 100 72 5.5 5 Note: When ordering, please specify tolerance code. Tolerance: M=±20% Operating temperature range-55℃~125℃(Including self - temperature rise) Isat for Inductance drop 30% from its value without current Irms for a 40℃ temperature rise from 25℃ ambient with current Measure Equipment: L:WK 3260B or WK 6500P, 100kHz 0.5V RDC:CHEN HWA 502 or CHEN HWA 46502B Test Instruments:WK3260B Impedance / Material Analyzer Inductance v.s DC Current 0 5 10 15 20 25 0 1020304050 DC Current (A) 4R7 3R3 2R2 1R0 R47R36 R22 100 6R8 1R5 R68 R56 220 Tem perature Change v.s DC Current 0 20 40 60 80 100 120 140 0 1020 3040 50 DC Current (A) 4R7 3R3 2R2 1R8 1R5 1R0 R68 R56 R47 R36 R22 6R8 100 220 LHCC Series Rev : www.leiditech.com 01.06.2018 3/6 |