| データシートサーチシステム |
|
LHCC10040-100M-R7 データシート(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
LHCC10040-100M-R7 データシート(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
5 / 6 page ![]() Electrical Characteristics Part Number Inductance (uH) Tolerance (±%) Test Frequency (kHz) RDC (mΩ) Max Isat (A)Typ. Irms (A)Typ. LHCC12060-100M-R7A 10 20 100 20.7 12.5 10 LHCC12060-150M-R7A 15 20 100 29.0 9.0 6.0 LHCC12060-220M-R7A 22 20 100 39.5 7.5 5.0 LHCC12060-330M-R7A 33 20 100 75 6.0 4.0 LHCC12060-680M-R7A 68 20 100 140 4.5 3.0 Note: When ordering, please specify tolerance code. Tolerance: M=±20% Operating temperature range-55℃~125℃(Including self - temperature rise) Isat for Inductance drop 30% from its value without current Irms for a 40℃ temperature rise from 25℃ ambient with current Measure Equipment: L:WK 3260B or WK 6500P, 100kHz 0.5V RDC:CHEN HWA 502 or CHEN HWA 46502B Test Instruments:WK3260B Impedance / Material Analyzer Inductance vs DC Current 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 DC Current(A) 680 330 220 150 100 Tem perature Change v.s DC Current 0 10 20 30 40 50 60 70 80 90 100 110 120 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 DC Current(A) 680 330 220 150 100 LHCC Series Rev : www.leiditech.com 01.06.2018 5/6 |