| データシートサーチシステム |
|
ASL5015FHN データシート(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
ASL5015FHN データシート(HTML) 36 Page - NXP Semiconductors |
|
36 / 69 page ![]() NXP Semiconductors ASL5xxxyHz Matrix LED Controller (MLC) ASL5xxxyHz All information provided in this document is subject to legal disclaimers. © NXP B.V. 2019. All rights reserved. Product data sheet Rev. 2.1 — 5 February 2019 36 / 69 Command CMD[10:5] Type Description PWM Mode (Smart / Direct) CAN/CAN -FD CAN Valid DLC CAN-FD Valid DLC Other Invalid conditions 51 Invalid command 52 Invalid command 53 Invalid command 54 Invalid command 55 Invalid command 56 Invalid command 57 Invalid command 58 Invalid command 59 Invalid command 60 Invalid command 61 Invalid command 62 Invalid command 63 Broadcast Junction temperature read All All 0 0 LHM mode Note: Invalid Flag is not set when device is in SLEEP mode. Read or write MTP during LHM state is also not a valid scenario. Table 29. Number of Register fitting DLC (CAN - FD) DLC CMD - 0 CMD - 1 CMD - 19 CMD - 20 0 Invalid Invalid Invalid Invalid 1 Invalid Invalid Invalid Invalid 2 Invalid Invalid ≤ 64 1 3 1 1 Invalid ≤ 2 4 ≤ 2 Invalid Invalid ≤ 3 5 ≤ 3 ≤ 2 Invalid ≤ 4 6 ≤ 4 Invalid Invalid ≤ 5 7 ≤ 5 ≤ 3 Invalid ≤ 6 8 ≤ 6 Invalid Invalid ≤ 7 9 ≤ 10 ≤ 5 Invalid ≤ 11 10 ≤ 14 ≤ 7 Invalid ≤ 15 11 ≤ 18 ≤ 9 Invalid ≤ 19 12 ≤ 22 ≤ 11 Invalid ≤ 23 13 ≤ 30 ≤ 15 Invalid ≤ 31 14 ≤ 46 ≤ 23 Invalid ≤ 47 15 ≤ 62 ≤ 31 Invalid ≤ 63 For more information regarding CAN commands, refer to the application notes. |