| データシートサーチシステム |
|
ASL5015FHN データシート(PDF) 54 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
ASL5015FHN データシート(HTML) 54 Page - NXP Semiconductors |
|
54 / 69 page ![]() NXP Semiconductors ASL5xxxyHz Matrix LED Controller (MLC) ASL5xxxyHz All information provided in this document is subject to legal disclaimers. © NXP B.V. 2019. All rights reserved. Product data sheet Rev. 2.1 — 5 February 2019 54 / 69 Symbol Parameter Conditions Min Typ Max Unit Setting 7 259.5 288.4 317.3 ms Setting 8 519 576.7 634.4 ms 19 Packaging 19.1 Package mechanical dimensions Package dimensions are provided in package drawings. To find the most current package outline drawing, go to www.nxp.com and perform a keyword search for the drawing’s document number. Table 51. Package Outline Package Package outline drawing number 36-pin HVQFN SOT1092-4 48-pin HLQFP SOT1571-1 |