データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MIC33M350YMP-TR データシート(PDF) 9 Page - Microchip Technology

部品番号 MIC33M350YMP-TR
部品情報  3A, Pin Strapping Power Module with HyperLight Load짰 Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M350YMP-TR データシート(HTML) 9 Page - Microchip Technology

Back Button MIC33M350YMP-TR Datasheet HTML 5Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 6Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 7Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 8Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 9Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 10Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 11Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 12Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
 2020-2021 Microchip Technology Inc.
DS20006348B-page 9
MIC33M350
2.0
TYPICAL CHARACTERISTIC CURVES
Note:
Unless otherwise indicated, PVIN =5V, VOUT =1V, COUT =47µF, TA =+25°C.
FIGURE 2-1:
Operating Supply Current
vs. Input Voltage, Switching.
FIGURE 2-2:
High-Side Current Limits vs.
Temperature.
FIGURE 2-3:
Operating Supply Current
vs. Temperature, Switching.
FIGURE 2-4:
RDS(on) vs. Temperature.
FIGURE 2-5:
Efficiency vs. Load Current
(VOUT =0.6V).
FIGURE 2-6:
Efficiency vs. Load Current
(VOUT =1V).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4
4.5
5
5.5
6
6.5
7
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
V
IN = 5.0V
V
OUT = 3.3V
V
OUT = 1V
4
4.5
5
5.5
6
6.5
7
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
V
IN = 5.0V
V
OUT = 3.3V
V
OUT = 1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32