| データシートサーチシステム |
|
MIC33M350YMP-TR データシート(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MIC33M350YMP-TR データシート(HTML) 10 Page - Microchip Technology |
|
10 / 32 page ![]() MIC33M350 DS20006348B-page 10 2020-2021 Microchip Technology Inc. Note: Unless otherwise indicated, PVIN = 5V, VOUT = 1V, COUT = 47 µF, TA = +25°C. FIGURE 2-7: Efficiency vs. Load Current (VOUT =2.5V). FIGURE 2-8: Efficiency vs. Load Current (VOUT =3.3V). FIGURE 2-9: DCM/FPWM IOUT Threshold vs. VIN. FIGURE 2-10: Output Voltage Variation vs. Input Voltage. FIGURE 2-11: VOUT Voltage vs. IOUT. FIGURE 2-12: Switching Frequency vs. Input Voltage. 0 0.5 1 1.5 2 2.5 3.5 4.5 5.5 V IN (V) V OUT = 1V |