データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSCSM170AM039CT6AG データシート(PDF) 2 Page - Microchip Technology

部品番号 MSCSM170AM039CT6AG
部品情報  Phase Leg SiC Power Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM170AM039CT6AG データシート(HTML) 2 Page - Microchip Technology

  MSCSM170AM039CT6AG Datasheet HTML 1Page - Microchip Technology MSCSM170AM039CT6AG Datasheet HTML 2Page - Microchip Technology MSCSM170AM039CT6AG Datasheet HTML 3Page - Microchip Technology MSCSM170AM039CT6AG Datasheet HTML 4Page - Microchip Technology MSCSM170AM039CT6AG Datasheet HTML 5Page - Microchip Technology MSCSM170AM039CT6AG Datasheet HTML 6Page - Microchip Technology MSCSM170AM039CT6AG Datasheet HTML 7Page - Microchip Technology MSCSM170AM039CT6AG Datasheet HTML 8Page - Microchip Technology MSCSM170AM039CT6AG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Features
The following are the key features of MSCSM170AM039CT6AG device:
• SiC Power MOSFET
– Low RDS(on)
– High temperature performance
• SiC Schottky Diode
– Zero reverse recovery
– Zero forward recovery
– Temperature Independent switching behavior
– Positive temperature coefficient on VF
• Kelvin source for easy drive
• Low stray inductance
• M5 power connectors
• Internal thermistor for temperature monitoring
• Aluminum Nitride (AlN) substrate for improved thermal performance
Benefits
The following are the benefits of MSCSM170AM039CT6AG device:
• High efficiency converter
• Stable temperature behavior
• Direct mounting to heatsink (isolated package)
• Low junction-to-case thermal resistance
• RoHS Compliant
Applications
The following are the applications of MSCSM170AM039CT6AG device:
• Welding converters
• Switched mode power supplies
• Uninterruptible power supplies
• EV motor and traction drive
MSCSM170AM039CT6AG
© 2021 Microchip Technology Inc.
Datasheet
DS00003969A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17