| データシートサーチシステム |
|
ML2213 データシート(PDF) 19 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML2213 データシート(HTML) 19 Page - OKI electronic componets |
|
19 / 26 page ![]() FEDL 2213-01 1Semiconductor ML2213 19/26 Table 7.4 Musical Notes and Corresponding Note Codes Note Code Musical Note L5 L4 L3 L2 L1 L0 L5 to L0 11111 1 3FH 10111 1 2FH 01111 1 1FH 01011 1 17H 00111 1 0FH 00101 1 0BH 00011 1 07H 00010 1 05H When N6 to N0 are set to “0” in scale code definition, the code means “Rest”. Table 7.5 shows rests and their corresponding rest codes (L5 to L0). Table 7.5 Rests and Corresponding Rest Codes Rest Code Rest L5 L4 L3 L2 L1 L0 L5 to L0 11 1 1 1 1 3FH 01 1 1 1 1 1FH 01 0 1 1 1 17H 00 1 1 1 1 0FH 00 0 1 1 1 07H 00 0 0 1 1 03H The following formula can be used to calculate the duration or beat of a musical note (including rest), that is defined by a note code and tempo code. 1.5 × (TP+1) × (L+1) msec (Where TP is integer between 1 to 31, and L is integer between 4 to 63) TP is a numerical value defined in the Phrase Control Table and its bit correspondence to tempo data can be calculated as follows: TP = 2 4TP4 + 23TP3 + 22TP2 + 21TP1 + 20TP0 Meanwhile, L is defined by a musical note code, and its bit correspondence to the musical note code can be calculated as follows: L = 2 5L5 + 24L4 + 23L3 + 22L2 + 21L1 + 20L0 |