| データシートサーチシステム |
|
ML2213 データシート(PDF) 15 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML2213 データシート(HTML) 15 Page - OKI electronic componets |
|
15 / 26 page ![]() FEDL 2213-01 1Semiconductor ML2213 15/26 7. Music Generator The Music Generator circuit initiates music output via the MD pin by activating a user-defined music phrase from an external controller. The Music Generator outputs music, automatically acquiring musical notes data stored in the Mask ROM. Acquiring the last note code where the end-bit is set to “1”, results in stopping playback. A user can define a music phrase by entering the starting address and tempo data in the Phrase Control Table, and codes for musical notes and the end-bit information in the User’s Data area. These data for a music phrase, based on the score of music, can be created and entered by using an OKI’s Analyzing Tool according to coding rules and formats described later in this document. 7.1 Tempo Data Tempo data for a music phrase can be defined in the Phrase Control Table while preparing ROM data. Tempo cannot be changed from an external controller. Tempo data defines a beat and rhythm for a music phrase. Table 7.1 lists tempos (the count of quarter notes per minute) available for user’s selection. |