| データシートサーチシステム |
|
MCF5373CAB180 データシート(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MCF5373CAB180 データシート(HTML) 44 Page - NXP Semiconductors |
|
44 / 46 page ![]() MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4 Revision History Freescale Semiconductor 44 3 • Removed cryptography from Table 1 for the MCF53721 device. • Corrected D0 spec in Table 25 from 1.5 x tsys to 2 x tsys for min and max balues. • Updated FlexBus read and write timing diagrams in Figure 7 and Figure 8. • Corrected package information in Table 2 for MCF5373LCVM240 device from “256 MAPBGA” to “196 MAPBGA”. • Removed footnote 2 from the IRQ[7:1] alternate functions USBHOST VBUS_EN, USBHOST VBUS_OC, SSI_MCLK, USB_CLKIN, and SSI_CLKIN signals in Table 6. 4/2008 4 Changed the following specs in Table 10 and Table 11: • Minimum frequency of operation from TBD to 60MHz • Maximum clock period from TBD to 16.67 ns Added FlexCAN for the MCF53721 device in features list, block diagram, Signal Information and Muxing table, and GPIO timing diagram 11/2008 Table 28. MCF5373DS Document Revision History (continued) Rev. No. Substantive Changes Date of Release |