| データシートサーチシステム |
|
MCF5373CAB180 データシート(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MCF5373CAB180 データシート(HTML) 11 Page - NXP Semiconductors |
|
11 / 46 page ![]() Pin Assignments and Reset States MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4 Freescale Semiconductor 11 NOTE Test TEST8 — — — I EVDD 124 E10 Power Supplies EVDD — — — — — 9, 69, 71, 81, 94, 103, 139, 160 E6, E7, F5–F7, G5, H10, J8, K8–K9 IVDD — — — — — 36, 79, 97, 125, 156 E5, J9, K5, K10 PLL_VDD — — — — — 99 J10 SD_VDD — — — — — 11, 39, 41, 67, 105, 121, 137 E8–E9, F8–F10, J4–J7, H5, K6, K7 USB_VDD — — — — — — H12 VSS — — — — — 10, 42, 68, 82, 89, 104, 122, 138, 159 G6–G9, H6–H9 PLL_VSS — — — — — 98 H11 USB_VSS — — — — — — J14 1 Refers to pin’s primary function. 2 Pull-up enabled internally on this signal for this mode. 3 The SDRAM functions of these signals are not programmable by the user. They are dynamically switched by the processor when accessing SDRAM memory space and are included here for completeness. 4 Primary functionality selected by asserting the DRAMSEL signal (SDR mode). Alternate functionality selected by negating the DRAMSEL signal (DDR mode). The GPIO module is not responsible for assigning these pins. 5 GPIO functionality is determined by the edge port module. The GPIO module is only responsible for assigning the alternate functions. 6 MCF53721 only. 7 If JTAG_EN is asserted, these pins default to Alternate 1 (JTAG) functionality. The GPIO module is not responsible for assigning these pins. 8 Pull-down enabled internally on this signal for this mode. Table 3. MCF5372/3 Signal Information and Muxing (continued) Signal Name GPIO Alternate 1 Alternate 2 MCF5372 MCF5373 160 QFP MCF5372L MCF53721 MCF5373L 196 MAPBGA |